PART |
Description |
Maker |
MAX9704ETJ MAX9703-MAX9704 |
15W / Filterless / Spread-Spectrum Mono/Stereo Class D Amplifiers 15W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers 15W的功率,滤波,扩频单声道/立体声D类放大器
|
Maxim Integrated Products, Inc.
|
PAM8302LAYCR PAM8302LASCR |
2.5W Filterless Class-D Mono Audio Amplifier
|
Power Analog Micoelectronics
|
PAM8301 PAM8301AAF |
Filterless Class-D Mono Audio Amplifier
|
Power Analog Micoelectronics
|
SSM2301CPZ SSM2301RMZ |
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
|
Analog Devices
|
MAX9703-BMAX9704 MAX9703 MAX9703-MAX9704 MAX9704ET |
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
|
MAXIM[Maxim Integrated Products]
|
EVAL-SSM2377Z SSM2377ACBZ-R7 SSM2377ACBZ-RL |
Filterless, High Efficiency, Mono 2.5 W Class-D Audio Amplifier Pop-and-click suppression
|
http:// Analog Devices
|
ISL99201IRTAEVZ ISL99201IRTBEVZ ISL99201IRTCEVZ IS |
Filterless High Efficiency 1.5W Class D Mono Amplifier Filterless High Efficiency 1.5W Class D Mono Amplifier
|
Intersil Corporation
|
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
SSM2335CBZ-R2 SSM2335CBZ-REEL SSM2335CBZ-REEL7 EVA |
4.28 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9 Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
|
ANALOG DEVICES INC http://
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
MAX97001EWP MAX97001 |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Produc... Maxim Integrated Products
|